Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP35DP Datasheet(PDF) 3 Page - Intel Corporation

No. de pieza DP35DP
Descripción Electrónicos  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 3 Page - Intel Corporation

  DP35DP Datasheet HTML 1Page - Intel Corporation DP35DP Datasheet HTML 2Page - Intel Corporation DP35DP Datasheet HTML 3Page - Intel Corporation DP35DP Datasheet HTML 4Page - Intel Corporation DP35DP Datasheet HTML 5Page - Intel Corporation DP35DP Datasheet HTML 6Page - Intel Corporation DP35DP Datasheet HTML 7Page - Intel Corporation DP35DP Datasheet HTML 8Page - Intel Corporation DP35DP Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
iii
Preface
This Technical Product Specification (TPS) specifies the board layout, components,
connectors, power and environmental requirements, and the BIOS for the Intel®
Desktop Board DP35DP. It describes the standard product and available
manufacturing options.
Intended Audience
The TPS is intended to provide detailed, technical information about the Desktop Board
DP35DP and its components to the vendors, system integrators, and other engineers
and technicians who need this level of information. It is specifically not intended for
general audiences.
What This Document Contains
Chapter
Description
1
A description of the hardware used on the board
2
A map of the resources of the board
3
The features supported by the BIOS Setup program
4
A description of the BIOS error messages, beep codes, and POST
codes
5
Regulatory compliance and battery disposal information
Typographical Conventions
This section contains information about the conventions used in this specification. Not
all of these symbols and abbreviations appear in all specifications of this type.
Notes, Cautions, and Warnings
NOTE
Notes call attention to important information.
INTEGRATOR’S NOTES
Integrator’s notes are used to call attention to information that may be useful to
system integrators.
CAUTION
Cautions are included to help you avoid damaging hardware or losing data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84