Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DP35DP Datasheet(PDF) 80 Page - Intel Corporation

No. de pieza DP35DP
Descripción Electrónicos  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 80 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 76Page - Intel Corporation DP35DP Datasheet HTML 77Page - Intel Corporation DP35DP Datasheet HTML 78Page - Intel Corporation DP35DP Datasheet HTML 79Page - Intel Corporation DP35DP Datasheet HTML 80Page - Intel Corporation DP35DP Datasheet HTML 81Page - Intel Corporation DP35DP Datasheet HTML 82Page - Intel Corporation DP35DP Datasheet HTML 83Page - Intel Corporation DP35DP Datasheet HTML 84Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
80
5.1.5
Product Certification Markings (Board Level)
Desktop Board DP35DP has the product certification markings shown in Table 42.
Table 42. Product Certification Markings
Description
Mark
UL joint US/Canada Recognized Component mark. Includes adjacent UL file
number for Intel desktop boards: E210882.
FCC Declaration of Conformity logo mark for Class B equipment. Includes
Intel name and DP35DP model designation.
CE mark. Declaring compliance to European Union (EU) EMC directive and
Low Voltage directive.
Australian Communications Authority (ACA) C-tick mark. Includes adjacent
Intel supplier code number, N-232.
Japan VCCI (Voluntary Control Council for Interference) mark.
S. Korea MIC (Ministry of Information and Communication) mark. Includes
adjacent MIC certification number: CPU-DP35DP (B)
Taiwan BSMI (Bureau of Standards, Metrology and Inspections) mark.
Includes adjacent Intel company number, D33025.
Printed wiring board manufacturer’s recognition mark. Consists of a unique
UL recognized manufacturer’s logo, along with a flammability rating (solder
side).
V-0
China RoHS/Environmentally Friendly Use Period Logo: This is an
example of the symbol used on Intel Desktop Boards and associated
collateral. The color of the mark may vary depending upon the application.
The Environmental Friendly Usage Period (EFUP) for Intel Desktop Boards has
been determined to be 10 years.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84