Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72325AR7B3 Datasheet(PDF) 178 Page - STMicroelectronics

No. de pieza ST72325AR7B3
Descripción Electrónicos  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR7B3 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST72325AR7B3 Datasheet HTML 174Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 175Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 176Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 177Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 178Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 179Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 180Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 181Page - STMicroelectronics ST72325AR7B3 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 197 page
background image
ST72325xx
178/197
PACKAGE MECHANICAL DATA (Cont’d)
Figure 105. 32-Pin Low Profile Quad Flat Package
-
Dim.
mm
inches1)
Note 1. Values in inches are converted from mm
and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.60
0.0630
A1
0.05
0.15 0.0020
0.0059
A2
1.35
1.40
1.45 0.0531 0.0551 0.0571
b
0.30
0.37
0.45 0.0118 0.0146 0.0177
C
0.09
0.20 0.0035
0.0079
D
9.00
0.3543
D1
7.00
0.2756
E
9.00
0.3543
E1
7.00
0.2756
e
0.80
0.0315
θ
3.5°
3.5°
L
0.45
0.60
0.75 0.0177 0.0236 0.0295
L1
1.00
0.0394
Number of Pins
N
32
h
c
L
L1
b
e
A1
A2
A
E
E1
D
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com