| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S6B0708 Datasheet(PDF) 21 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 Datasheet(HTML) 21 Page - Samsung semiconductor |
|
21 / 29 page ![]() 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD S6B0708 21 Set Display Start Line Sets the line address of display RAM to determine the display start line. The display data on the specified line of the display RAM is displayed at the top row COM1 of LCD panel. It is followed by the higher number of lines in ascending order corresponding to the determined duty cycle. When this instruction changes the display start line address, the LCD panel can be scrolled. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 1 1 Z5 Z4 Z3 Z2 Z1 Z0 Z5 Z4 Z3 Z2 Z1 Z0 Line Address 0 0 0 0 0 0 0 0 0 0 0 0 1 1 : : : : : : : 1 1 1 1 1 0 62 1 1 1 1 1 1 63 Display ON / OFF Turns the display ON or OFF RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 0 1 1 1 1 1 D0 D0 = 1: Display ON D0 = 0: Display OFF |