| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S6B0708 Datasheet(PDF) 15 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 Datasheet(HTML) 15 Page - Samsung semiconductor |
|
15 / 29 page ![]() 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD S6B0708 15 N D(N) D(N+1) D(N+2) D(N+3) D(N+4) D(N+5) RS RW E DB[7:0] MPU Signal Internal Signal N D(N) D(N+1) D(N+2) D(N+3) D(N+4) N+4 N+5 N+2 N+3 N N+1 N D(N) D(N+1) D(N+2) D(N+3) D(N+4) Preset WR Input Buffer Column Address Page Address RAM Set page address => K Figure 3. Write Timing RS RW E DB[7:0] MPU Signal Internal Signal Dummy D(N) D(N+1) D(N+2) D(N+3) D(N+4) N+4 N+5 N+2 N+3 N N+1 K Preset WR Output Buffer Column Address Page Address N Dummy D(N) D(N+1) D(N+2) D(N+3) Set page address → K RD Figure 4. Read Timing |