| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S6B0708 Datasheet(PDF) 12 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
S6B0708 Datasheet(HTML) 12 Page - Samsung semiconductor |
|
12 / 29 page ![]() S6B0708 64COM/128SEG GRAPHIC DRIVER FOR DOT MATRIX LCD 12 DISPLAY DATA RAM (DDRAM) The display data RAM stores pixel data for the LCD. It is a 128-column x 64-row addressable array as shown in Table 4. The 64 rows are divided into 8 pages of 8 lines. Data is read from or written to the 8 lines of each page directly through DB0 to DB7. The microprocessor reads data from and writes data to RAM through the I/O buffer. Since the LCD controller operates independently, data can be written to RAM at the same time as the data is being displayed, without causing a LCD flicker. DB0 DB1 DB2 DB3 DB4 DB5 DB6 DB7 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 1 0 0 1 0 1 0 1 0 0 0 0 0 1 0 0 0 1 0 0 0 1 COM1 COM2 COM3 COM4 COM5 COM6 COM7 COM8 Display Data RAM LCD Panel Figure 2. RAM to LCD Panel Data Transfer |