Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PI Datasheet(PDF) 7 Page - Xicor Inc.

No. de pieza X9C503PI
Descripción Electrónicos  E2POT??Nonvolatile Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C503PI Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X9C503PI Datasheet HTML 3Page - Xicor Inc. X9C503PI Datasheet HTML 4Page - Xicor Inc. X9C503PI Datasheet HTML 5Page - Xicor Inc. X9C503PI Datasheet HTML 6Page - Xicor Inc. X9C503PI Datasheet HTML 7Page - Xicor Inc. X9C503PI Datasheet HTML 8Page - Xicor Inc. X9C503PI Datasheet HTML 9Page - Xicor Inc. X9C503PI Datasheet HTML 10Page - Xicor Inc. X9C503PI Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
X9C102/103/104/503
7
Typical Frequency Response for X9C102
TEST CONDITIONS
VCC = 5V
Temp. = 25
°C
Wiper @ Tap 50
VH = 0.5VRMS
Normalized (0dB @ 1KHz)
Test Circuit #1
TEST CONDITIONS
VCC = 5V
Temp. = 25
°C
Wiper @ Tap 50
VH = 2VRMS
Test Circuit #1
Typical Total Harmonic Distortion for X9C102
9
6
3
0
–3
–6
–9
–12
–15
–18
–21
0.01
0.10
1.00
10.00
100.00 1000.00 10000.00
FREQUENCY IN KHz
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.01
0.10
1.00
10.00
100.00 1000.00 10000.00
FREQUENCY IN KHz
3863 FHD F06
3863 FHD F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com