Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PI Datasheet(PDF) 5 Page - Xicor Inc.

No. de pieza X9C503PI
Descripción Electrónicos  E2POT??Nonvolatile Digital Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  XICOR [Xicor Inc.]
Página de inicio  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C503PI Datasheet(HTML) 5 Page - Xicor Inc.

  X9C503PI Datasheet HTML 1Page - Xicor Inc. X9C503PI Datasheet HTML 2Page - Xicor Inc. X9C503PI Datasheet HTML 3Page - Xicor Inc. X9C503PI Datasheet HTML 4Page - Xicor Inc. X9C503PI Datasheet HTML 5Page - Xicor Inc. X9C503PI Datasheet HTML 6Page - Xicor Inc. X9C503PI Datasheet HTML 7Page - Xicor Inc. X9C503PI Datasheet HTML 8Page - Xicor Inc. X9C503PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X9C102/103/104/503
5
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3863 PGM T03.1
Supply Voltage
Limits
X9C102/103/104/503
5V
±10%
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Typ.(4)
Max.
Units
Test Conditions
ICC
VCC Active Current
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V @ max. tCYC
ISB
Standby Supply Current
200
500
µA
CS = VCC – 0.3V, U/D and INC =
VSS or VCC – 0.3V
ILI
CS, INC, U/D Input
±10
µAVIN = VSS to VCC
Leakage Current
VIH
CS, INC, U/D Input
2
VCC + 1
V
HIGH Voltage
VIL
CS, INC, U/D Input
–1
0.8
V
LOW Voltage
RW
Wiper Resistence
40
100
Ω
Max. Wiper Current
±1mA
VH
VH Terminal Voltage
–5
+5
V
VL
VL Terminal Voltage
–5
+5
V
CIN(5)
CS, INC, U/D Input
10
pF
VCC = 5V, VIN = VSS,
Capacitance
TA = 25°C, f = 1MHz
3863 PGM T05.3
STANDARD PARTS
Part Number
Maximum Resistance
Wiper Increments
Minimum Resistance
X9C102
1K
Ω
10.1
Ω
40
Ω
X9C103
10K
Ω
101
Ω
40
Ω
X9C503
50K
Ω
505
Ω
40
Ω
X9C104
100K
Ω
1010
Ω
40
Ω
3863 PGM T08.1
Notes: (4) Typical values are for TA = 25°C and nominal supply voltage.
(5) This parameter is periodically sampled and not 100% tested.
3863 PGM T04.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15