Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7632 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7632
Descripción Electrónicos  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
ST7632
Ver 1.7
15/96
2006/08/15
6.3 SYSTEM CONTROL
Name
I/O
Description
CSEL
I
Must contact to VSS
TCAP
I
Test pin. Do not use. Let it open.
6.4 MICROPROCESSOR INTERFACE
Name
I/O
Description
RST
I
Reset input pin
When RESETB is
“L”, initialization is executed.
IF[3:1]
I
Parallel / Serial data input select input
IF1
IF2
IF3
MPU interface type
H
H
H
80 series 16-bit parallel
H
H
L
80 series 8-bit parallel
H
L
L
68 series 16-bit parallel
L
H
H
68 series 8-bit parallel
L
L
H
9-bit serial (3 line)
L
L
L
8-bit serial (4 line)
/CS
I
Chip select input pins
Data/instruction I/O is enabled only when /CS is "L". When chip select is non-active, D0 to D7
are high impedance.
A0
I
Register select input pin
− A0 = "H": D0 to D15 or SI are display data
− A0 = "L": D0 to D15 or SI are control data
In 3-line interface not let it floating, contact it to VSS or VDD.
RW_WR
I
Read / Write execution control pin
MPU type
RW_WR
Description
6800-series
RW
Read / Write control input pin
RW =
“H” : read
RW =
“L” : write
8080-series
/WR
Write enable clock input pin
The data on D0 to D15 are latched at the
rising edge of the /WR signal.
When not use, contact it to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com