Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7632 Datasheet(PDF) 65 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7632
Descripción Electrónicos  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 65 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
ST7632
Ver 1.7
65/96
2006/08/15
EEPROM Setting Following
The ST7632 chip provides the Write and Read function to write the Electronic Control value and Built-in resistance ratio
into and read them from the built-in EEPROM. Using the Write and Read functions, you can store these values appropriate
to each LCP panel. This function is very convenient for user in setting from some different panel
’s voltage. But using this
function must attention the setting procedure. Please see the following diagram.
Note: When writing value to EEPROM, the voltage of Voutin must be more than 16V.
Referential Instruction Setup Flow: Initializing with the built-in Power Supply Circuits
Increase or decrease EC value
(command D6 or D7)
( get the V0 value you need)
Open EEPROM Enable
(command CDH)
(parameter 20H)
Open Extension mode
(command 31H)
Display Off (command AEH)
Display On (command AFH)
Wait for 100ms
Write into EEPROM
(command FCH)
Wait for 100ms
Disable EEPROM
(command CCH)
Close Extension mode
(command 30H)
Turn off the power
Wait for 100ms
Turn on the power
Check the EC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com