Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7632 Datasheet(PDF) 75 Page - Sitronix Technology Co., Ltd.

No. de pieza ST7632
Descripción Electrónicos  4K Color Dot Matrix LCD Controller/Driver
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SITRONIX [Sitronix Technology Co., Ltd.]
Página de inicio  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7632 Datasheet(HTML) 75 Page - Sitronix Technology Co., Ltd.

Back Button ST7632 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7632 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
ST7632
Ver 1.7
75/96
2006/08/15
12. TIMING CHARACTERISTICS
System Bus Read/Write Characteristics 1 (For the 8080 Series MPU)
tAH8
tAW8
tCYC8
tCCLR,tCCLW
tCCHR,tCCHW
tDS8
tACC8
tOH8
tDH8
/CS
WR,RD
A0
D0 to D7
(Write)
D0 to D7
(Read)
Figure 39.
(VDD = 3.3V , Ta =-30°C ~85°C, die)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
30
Address setup time
tAW8
30
System cycle time
A0
tCYC8
370
Enable L pulse width (WRITE)
tCCLW
120
Enable H pulse width (WRITE)
WR
tCCHW
250
Enable L pulse width (READ)
tCCLR
60
Enable H pulse width (READ)
RD
tCCHR
140
WRITE Data setup time
tDS8
200
WRITE Address hold time
tDH8
30
READ access time
tACC8
CL = 100 pF
70
READ Output disable time
D0 to D7
tOH8
CL = 100 pF
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com