Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICS813078I Datasheet(PDF) 13 Page - Integrated Device Technology

No. de pieza ICS813078I
Descripción Electrónicos  FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS813078I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS813078I Datasheet HTML 9Page - Integrated Device Technology ICS813078I Datasheet HTML 10Page - Integrated Device Technology ICS813078I Datasheet HTML 11Page - Integrated Device Technology ICS813078I Datasheet HTML 12Page - Integrated Device Technology ICS813078I Datasheet HTML 13Page - Integrated Device Technology ICS813078I Datasheet HTML 14Page - Integrated Device Technology ICS813078I Datasheet HTML 15Page - Integrated Device Technology ICS813078I Datasheet HTML 16Page - Integrated Device Technology ICS813078I Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ICS813078I
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
13
ICS813078BYI REV. A OCTOBER 6, 2008
Typical Phase Noise at 122.88MHz
Filter
Phase Noise Result by adding
a filter to raw data
Raw Phase Noise Data
122.88MHz
RMS Phase Jitter (Random)
12kHz to 20MHz = 1.1ps (typical)
Offset Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com