Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICS813078I Datasheet(PDF) 8 Page - Integrated Device Technology

No. de pieza ICS813078I
Descripción Electrónicos  FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS813078I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS813078I Datasheet HTML 4Page - Integrated Device Technology ICS813078I Datasheet HTML 5Page - Integrated Device Technology ICS813078I Datasheet HTML 6Page - Integrated Device Technology ICS813078I Datasheet HTML 7Page - Integrated Device Technology ICS813078I Datasheet HTML 8Page - Integrated Device Technology ICS813078I Datasheet HTML 9Page - Integrated Device Technology ICS813078I Datasheet HTML 10Page - Integrated Device Technology ICS813078I Datasheet HTML 11Page - Integrated Device Technology ICS813078I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ICS813078I
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
8
ICS813078BYI REV. A OCTOBER 6, 2008
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCO = VCCO_CMOS = 3.3V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO (LVPECL)
Continuous Current
Surge Current
Outputs, VO (LVCMOS)
50mA
100mA
-0.5V to VCCO_CMOS+ 0.5V
Package Thermal Impedance,
θ
JA
31.8
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
VCC – 0.15
3.3
VCC
V
VCCO,
VCCO_CMOS
Output Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
260
mA
ICCA
Analog Supply Current
15
mA
ICCO_CMOS
Output Supply Current
6mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com