Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ICS813078I Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza ICS813078I
Descripción Electrónicos  FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS813078I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS813078I Datasheet HTML 1Page - Integrated Device Technology ICS813078I Datasheet HTML 2Page - Integrated Device Technology ICS813078I Datasheet HTML 3Page - Integrated Device Technology ICS813078I Datasheet HTML 4Page - Integrated Device Technology ICS813078I Datasheet HTML 5Page - Integrated Device Technology ICS813078I Datasheet HTML 6Page - Integrated Device Technology ICS813078I Datasheet HTML 7Page - Integrated Device Technology ICS813078I Datasheet HTML 8Page - Integrated Device Technology ICS813078I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
FOR WIRELESS INFRASTRUCTURE EQUIPMENT
ICS813078I
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
1
ICS813078BYI REV. A OCTOBER 6, 2008
General Description
The ICS813078I is a member of the HiperClocks
family of high performance clock solutions from IDT.
The ICS813078I a PLL based synchronous clock
solution that is optimized for wireless infrastructure
equipment where frequency translation and jitter
attenuation is needed.
The device contains two internal PLL stages that are cascaded in
series. The first PLL stage attenuates the reference clock jitter by
using an internal or external VCXO circuit. The internal VCXO
requires the connection of an external inexpensive pullable crystal
(XTAL) to the ICS813078I. This first PLL stage (VCXO PLL) uses
external passive loop filter components which are used to optimize
the PLL loop bandwidth and damping characteristics for the given
application. The output of the first stage VCXO PLL is a stable and
jitter-tolerant 30.72MHz reference input for the second PLL stage.
The second PLL stage provides frequency translation by
multiplying the output of the first stage up to 491.52MHz or
614.4MHz. The low phase noise characteristics of the VCXO-PLL
clock signal is maintained by the internal FemtoClock™PLL, which
requires no external components or complex programming. Two
independently configurable frequency dividers translate the
internal VCO signal to the desired output frequencies. All
frequency translation ratios are set by device configuration pins.
Supported input reference clock frequencies:
10MHz, 12.8MHz, 15MHz, 15.36MHz, 20MHz, 30.72MHz,
61.44MHz, and 122.88MHz
Supported output clock frequencies:
30.72MHz, 38.4MHz, 61.44MHz, 76.8MHz, 122.88MHz,
153.6MHz, 245.76MHz, 491.52MHz, and 614.4MHz
Features
Nine outputs, organized in three independent output banks with
differential LVPECL and single-ended outputs
One differential input clock can accept the following differential
input levels: LVDS, LVPECL, LVHSTL
One single-ended clock input
Frequency generation optimized for wireless infrastructure
Attenuates the phase jitter of the input clock signal by using
low-cost pullable fundamental mode crystal (XTAL)
Internal Femtoclock frequency multiplier stage eliminates the
need for an expensive external high frequency VCXO
LVCMOS levels for all control I/O
RMS phase jitter @ 122.88MHz, using a 30.72MHz crystal
(12kHz to 20MHz): 1.1ps rms (typical)
RMS phase jitter @ 61.44MHz, using a 30.72MHz crystal
(12kHz to 20MHz): 0.97ps rms (typical)
VCXO PLL bandwidth can be optimized for jitter attenuation and
reference frequency tracking using external loop filter
components
PLL fast-lock control
PLL lock detect output
Absolute pull range is +/-50 ppm
Full 3.3V supply voltage
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) package
HiPerClockS™
ICS
Pin Assignment
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
LF1
LF0
ISET
FLM
VCC
VCC
CLK1
nc
NB1
nMR
REF_SEL
CLK0
nCLK0
VEE
NA1
NA0
VCCO
nQA0
QA0
nc
VEE
nc
nQA1
QA1
VCCO
VCCO
nQA2
QA2
VCC
VEE
nQB0
QB0
64-Lead TQFP, E-Pad
10mm x 10mm x 1mm
package body
Y Package


Número de pieza similar - ICS813078I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results

Descripción similar - ICS813078I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
DUAL PLL VCXO CLOCK GENERATOR IC
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
PLL CLOCK GENERATOR IC WITH VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
PLL Clock Generator IC with VCXO
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
REV. A AUGUST 12, 2005
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
PLL Clock Generator IC with VCXO
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
Motorola, Inc
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
HIGH FREQUENCY PLL CLOCK GENERATOR
logo
Renesas Technology Corp
813076I RENESAS-813076I Datasheet
558Kb / 24P
Frequency Generator/Jitter Attenuation Device For Wireless Infrastructure Applications
7/29/16
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
ICS843002I-72 RENESAS-ICS843002I-72 Datasheet
452Kb / 19P
FEMTOCLOCKS™ VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
NOVEMBER 21, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com