Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIC3003GML Datasheet(PDF) 72 Page - Micrel Semiconductor

No. de pieza MIC3003GML
Descripción Electrónicos  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 72 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 67Page - Micrel Semiconductor MIC3003GML Datasheet HTML 68Page - Micrel Semiconductor MIC3003GML Datasheet HTML 69Page - Micrel Semiconductor MIC3003GML Datasheet HTML 70Page - Micrel Semiconductor MIC3003GML Datasheet HTML 71Page - Micrel Semiconductor MIC3003GML Datasheet HTML 72Page - Micrel Semiconductor MIC3003GML Datasheet HTML 73Page - Micrel Semiconductor MIC3003GML Datasheet HTML 74Page - Micrel Semiconductor MIC3003GML Datasheet HTML 75Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
72
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Power-On Hour Meter Data (POHDATA)
D[7]
read/write
D[6]
read/write
D[5]
read/write
D[4]
read/write
D[3]
read/write
D[2]
read/write
D[1]
read/write
D[0]
read/write
Default values for all bytes when the MIC3003
is shipped
0000 0000b = 00h
Serial address
A6h
Byte addresses
32 – 34 and 36 - 38 = 20h - 22h and 24h - 26h
These registers are used for backing up the POH result during power cycles. At power-up, the POH meter selects the larger of
the two values as the initial count. Incremental results are stored in alternate register pairs. The power-on hour meter may be
reset or preset by writing to these registers.
These registers are not typically intended to be used by the OEM or end user. The current value of the power-on hours meter
may be read from the POHh and POHl registers.
If it is necessary to preset the power-on hours meter to a specific value, please consult the factory for the exact format to be
written to the POHDATA registers.
These registers are non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for
access to these registers.
Byte
Weight
3
POHA, high-byte
2
POHA, low-byte
1
POHB, high-byte
0
POHB, low-byte
OEM Scratchpad Registers (SCRATCHn)
Default value
0000 0000b = 00h
Serial address
A6h
Byte addresses
136 - 207 (88 - CFh)
208 - 221 (D0 - DDh): This area is part of the OEM scratch pad only if the hard-
coded delimiters option for receive power linearization is used.
222 - 250 (DE - FAh)
The scratchpad registers are general-purpose non-volatile memory locations. They can be freely read from and written to any
time the MIC3003 is in OEM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com