Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIC3003GML Datasheet(PDF) 48 Page - Micrel Semiconductor

No. de pieza MIC3003GML
Descripción Electrónicos  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 48 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 44Page - Micrel Semiconductor MIC3003GML Datasheet HTML 45Page - Micrel Semiconductor MIC3003GML Datasheet HTML 46Page - Micrel Semiconductor MIC3003GML Datasheet HTML 47Page - Micrel Semiconductor MIC3003GML Datasheet HTML 48Page - Micrel Semiconductor MIC3003GML Datasheet HTML 49Page - Micrel Semiconductor MIC3003GML Datasheet HTML 50Page - Micrel Semiconductor MIC3003GML Datasheet HTML 51Page - Micrel Semiconductor MIC3003GML Datasheet HTML 52Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
48
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Received Optical Power
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0mW)(6)
Serial address
A2h
Byte address
MS byte (RXOPh): 104 = 68h
LS byte (RXOPl): 105 = 69h
Each LSB of RXOPh represents 25.6
μW, and each LS bit of RXOPl represents 0.1 μW.RXOPh is used in conjunction with
RXOPl to yield an unsigned sixteen-bit value.
In external calibration mode, the host should process the results using the appropriate slope and offset coefficients. RXOPh
contains the twelve-bit ADC result and the lower four bits of RXOPl are zero.
In internal calibration mode, the MIC3003’s ALU applies the coefficients stored in (RXSLP[0-7]h:RXSLP[0-7]l) and
(RXOFF[0-7]h:RXOFFl[0-7]).
The RXOP registers will contain valid data after one ADC conversion cycle.
Control and Status (CNTRL)
D[7]
TXDIS
read-only
D[6]
STXDIS
read/write
D[5]
RS1S
read-only
D[4]
RS0S
read-only
D[3]
SRS0
read/write
D[2]
TXFLT
read-only
D[1]
LOS
read-only
D[0]
POR
read-only
Default value
0000 0000b = 00h
Serial address
A2h
Byte address
110 = 6Eh
Bit(s)
Function
Operation
D[7]
TXDIS
Reflects the state of the TXDISABLE pin
1 = disabled,
0 = enabled
D[6]
STXDIS
Soft transmit disable STXDIS is Ored with TXDIS
to control the laser which will be turned off if one
of these two signals is set to 1
1 = disabled
0 = enabled
D[5]
RS1S
Reflects the state of RS1 (pin 9)
1 = RS1 is high (>4.25 Gbps);
0 = RS1 is low (≤4.25 Gbps)
D[4]
RS0S
Reflects the state of RS0 (pin 15)
1 = RS0 is high (>4.25 Gbps)
0 = RS0 is low (≤4.25 Gbps)
D[3]
SRS0
Soft rate select (sets the state of the RS0 pin)
1 = Set RS0 high
0 = Set RS0 low
D[2]
TXFLT
Reflects the state of the TXFAULT pin
1 = TXFAULT is high (fault)
0 = TXFAULT low (no fault)
D[1]
LOS
Loss Of Signal. Reflects the state of the RXLOS
pin
1 = RXLOS is high (loss of signal)
0 = RXLOS is low (no loss of signal)
D[0]
POR
MIC3003 power-on status
0 = POR complete, all analog data results
have been converted at least once
1 = POR and first ADC sample cycle in
progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com