Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MIC3003GML Datasheet(PDF) 57 Page - Micrel Semiconductor

No. de pieza MIC3003GML
Descripción Electrónicos  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003GML Datasheet(HTML) 57 Page - Micrel Semiconductor

Back Button MIC3003GML Datasheet HTML 53Page - Micrel Semiconductor MIC3003GML Datasheet HTML 54Page - Micrel Semiconductor MIC3003GML Datasheet HTML 55Page - Micrel Semiconductor MIC3003GML Datasheet HTML 56Page - Micrel Semiconductor MIC3003GML Datasheet HTML 57Page - Micrel Semiconductor MIC3003GML Datasheet HTML 58Page - Micrel Semiconductor MIC3003GML Datasheet HTML 59Page - Micrel Semiconductor MIC3003GML Datasheet HTML 60Page - Micrel Semiconductor MIC3003GML Datasheet HTML 61Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
57
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
OEM Configuration Register 1 (OEMCFG1)
D[7]
INV
read/write
D[6]
GAIN
read/write
D[5]
BIASREF
read/write
D[4]
RFB[2]
read/write
D[3]
RFB[1]
read/write
D[2]
RFB[0]
read/write
D[1]
SRCE
read/write
D[0]
SPOL
read/write
Default value
0000 0010b = 02h
Serial address
A6h
Byte address
1 = 01h
A write to OEMCFG1 will result in any A/D conversion in progress being aborted and the result discarded. The A/D will begin a
new conversion sequence once the write operation is complete.
All bits in OEMCFG1 are non-volatile and will be maintained through power and reset cycles. A valid OEM password is
required for access to this register.
Bit(s)
Function
Operation
D[7]
INV
Inverts the APC op-amp inputs.
When low, the BIAS DAC output is
connected to the “+”input and FB is
connected to the “–” input of the op
amp. Set low to use the APC
feedback loop.
0 = emitter follower (no inversion);
1 = common emitter (inverted); read/write; non-volatile.
D[6]
GAIN
Sets the feedback voltage range by
changing the APCDAC output
swing; 0-V
REF for optical feedback,
0-V
REF/4 for electrical feedback.
1 = VREF/4 full scale;
0 = VREF full scale
D[5]
BIASREF
Selects whether FB and VMPD are
referenced to ground or V
DD and
selects feedback resistor termination
voltage (V
DDA or GNDA).
1 = VDD; 0 = GNDA
If this bit is set to 0, bit 1 should be set to 1
If this bit is set to 1, bit 1 should be set to 0
D[4:2]
RFB[2:0]
Selects internal feedback resistance.
Resistors will be terminated to VDDA
or GNDA according to BIASREF.
000 = ∞
001 = 800 Ω
010 = 1.6kΩ
011 = 3.2kΩ
100 = 6.4kΩ
101 = 12.8kΩ
110 = 25.6kΩ
111 = 51.2kΩ
D[1]
SRCE
V
BIAS source or sink drive.
1 = source (NPN): bit 5 should be set to 0.
0 = sink (PNP): bit 5 should be set to 1.
D[0]
SPOL
Polarity of the shutdown output,
SHDN, when active.
1 = SHDN is active-high
0 = SHDN is active-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com