Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8377EVRANDA Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

No. de pieza MPC8377EVRANDA
Descripción Electrónicos  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377EVRANDA Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8377EVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
13
Clock Input Timing
4
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the MPC8377E. Note that
the PCI_CLK/PCI_SYNC_IN signal or CLKIN signal is used as the PCI input clock depending on
whether the device is configured as a host or agent device. CLKIN is used when the device is in host mode.
4.1
DC Electrical Characteristics
Table 7 provides the clock input (CLKIN/PCI_CLK) DC timing specifications for the device.
eTSEC I/O
Load =
25 pf
MII or RMII
—
—
—
0.02
—
—
W
Multiply by
number of
interfaces used.
RGMII or
RTBI
—
—
—
—
0.05
—
W
—
USB
(60MHz
Clock)
12 Mbps
—
—
0.01
—
—
—
W
—
480 Mbps
—
—
0.2
—
—
—
W
SerDes
per lane
—
—
—
—
0.029
W
—
Other I/O
—
—
—
0.01
—
—
—
W
—
Note: The values given are for typical, and not worst case, switching.
Table 7. CLKIN DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Notes
Input high voltage
—
VIH
2.7
OVDD + 0.3
V
1
Input low voltage
—
VIL
–0.3
0.4
V
1
CLKIN Input current
0 V
≤VIN ≤ OVDD
IIN
—± 10
μA—
PCI_CLK Input current
0 V
≤VIN ≤ 0.5 V or
OVDD – 0.5 V ≤VIN ≤ OVDD
IIN
—± 30
μA—
Note:
1 In PCI agent mode, this specification does not comply with PCI 2.3 Specification.
Table 6. MPC8377E Typical I/O Power Dissipation (continued)
Interface
Parameter
GVDD
(1.8 V)
GVDD/LBVDD
(2.5 V)
OVDD
(3.3 V)
LVDD
(3.3 V)
LVDD
(2.5 V)
L[1,2]_
nVDD
(1.0 V)
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com