Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8377EVRANDA Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

No. de pieza MPC8377EVRANDA
Descripción Electrónicos  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377EVRANDA Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC8377EVRANDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
74
Freescale Semiconductor
SPI
19.1
IPIC DC Electrical Characteristics
Table 66 provides the DC electrical characteristics for the external interrupt pins of the MPC8377E.
19.2
IPIC AC Timing Specifications
Table 67 provides the IPIC input and output AC timing specifications.
20 SPI
This section describes the DC and AC electrical specifications for the SPI of the MPC8377E.
20.1
SPI DC Electrical Characteristics
Table 68 provides the DC electrical characteristics for the device SPI.
Table 66. IPIC DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.0
OVDD + 0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
—
IIN
—±30
μA
Output low voltage
IOL = 6.0 mA
VOL
—0.5
V
Output low voltage
IOL = 3.2 mA
VOL
—0.4
V
Note:
1. This table applies for pins IRQ[0:7], IRQ_OUT, MCP_OUT.
2. IRQ_OUT and MCP_OUT are open drain pins, thus VOH is not relevant for those pins.
Table 67. IPIC Input AC Timing Specifications
Parameter
Symbol
Min
Unit
IPIC inputs—minimum pulse width
tPIWID
20
ns
Note:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized before use by any
external synchronous logic. IPIC inputs are required to be valid for at least tPIWID ns to ensure proper operation when working
in edge triggered mode.
Table 68. SPI DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.0
OVDD + 0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
—
IIN
—± 30
μA
Output high voltage
IOH = –8.0 mA
VOH
2.4
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com