Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8377EVRANDA Datasheet(PDF) 81 Page - Freescale Semiconductor, Inc

No. de pieza MPC8377EVRANDA
Descripción Electrónicos  PowerQUICC??II Pro Processor Hardware Specifications
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8377EVRANDA Datasheet(HTML) 81 Page - Freescale Semiconductor, Inc

Back Button MPC8377EVRANDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC8377EVRANDA Datasheet HTML 85Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
81
High-Speed Serial Interfaces (HSSI)
Figure 54. Differential Reference Clock Input DC Requirements (External AC-Coupled)
Figure 55. Single-Ended Reference Clock Input DC Requirements
21.2.3
Interfacing With Other Differential Signaling Levels
The following list provides information about interfacing with other differential signaling levels.
•
With on-chip termination to SGND_SRDSn (xcorevss), the differential reference clocks inputs are
HCSL (high-speed current steering logic) compatible DC-coupled.
•
Many other low voltage differential type outputs like LVDS (low voltage differential signaling) can
be used but may need to be AC-coupled due to the limited common mode input range allowed
(100 mV to 400 mV) for DC-coupled connection.
•
LVPECL outputs can produce signal with too large amplitude and may need to be DC-biased at
clock driver output first, then followed with series attenuation resistor to reduce the amplitude, in
addition to AC-coupling.
SD
n_REF_CLK
SD
n_REF_CLK
Vcm
200 mV < Input Amplitude or Differential Peak < 800 mV
150
Vmin > Vcm – 400m V
fdafdVmax < Vcm + 400 mV
Vmax < Vcm + 400 mV
SD
n_REF_CLK
SD
n_REF_CLK
400 mV < SD
n_REF_CLK Input Amplitude < 800 mV
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com