| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8377EVRAGFA Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377EVRAGFA Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc |
|
84 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 84 Freescale Semiconductor High-Speed Serial Interfaces (HSSI) clock driver chip manufacturer to verify whether this connection scheme is compatible with a particular clock driver chip. Figure 58. AC-Coupled Differential Connection with LVPECL Clock Driver (Reference Only) Figure 59 shows the SerDes reference clock connection reference circuits for a single-ended clock driver. It assumes the DC levels of the clock driver are compatible with device SerDes reference clock input’s DC requirement. Figure 59. Single-Ended Connection (Reference Only) 21.2.4 AC Requirements for SerDes Reference Clocks The clock driver selected should provide a high quality reference clock with low phase noise and cycle-to-cycle jitter. Phase noise less than 100 KHz can be tracked by the PLL and data recovery loops and is less of a problem. Phase noise above 15 MHz is filtered by the PLL. The most problematic phase noise 50 Ω 50 Ω SD n_REF_CLK SD n_REF_CLK Clock Driver 100 Ω differential PWB trace SerDes Refer. CLK Receiver Clock Driver CLK_Out CLK_Out LVPECL CLK Driver Chip R2 R2 R1 R1 10 nF 10 nF MPC8377E 50 Ω 50 Ω SD n_REF_CLK SD n_REF_CLK 100 Ω differential PWB trace SerDes Refer. CLK Receiver Clock Driver CLK_Out Single-Ended CLK Driver Chip 33 Ω Total 50 Ω. Assume clock driver’s output impedance is about 16 Ω. 50 Ω MPC8377E |