| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8377EVRAGFA Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377EVRAGFA Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 82 Freescale Semiconductor High-Speed Serial Interfaces (HSSI) NOTE Figure 56 to Figure 59 below are for conceptual reference only. Due to the fact that clock driver chip's internal structure, output impedance, and termination requirements are different between various clock driver chip manufacturers, it is very possible that the clock circuit reference designs provided by the clock driver chip vendor are different from what is shown below. They might also vary from one vendor to the other. Therefore, Freescale Semiconductor can neither provide the optimal clock driver reference circuits, nor guarantee the correctness of the following clock driver connection reference circuits. The system designer is recommended to contact the selected clock driver chip vendor for the optimal reference circuits with the device SerDes reference clock receiver requirement provided in this document. Figure 56 shows the SerDes reference clock connection reference circuits for HCSL type clock driver. It assumes that the DC levels of the clock driver chip is compatible with device SerDes reference clock input’s DC requirement. Figure 56. DC-Coupled Differential Connection with HCSL Clock Driver (Reference Only) Figure 57 shows the SerDes reference clock connection reference circuits for LVDS type clock driver. Since LVDS clock driver’s common mode voltage is higher than the device SerDes reference clock input’s allowed range (100 to 400 mV), AC-coupled connection scheme must be used. It assumes the LVDS 50 Ω 50 Ω SD n_REF_CLK SD n_REF_CLK Clock Driver 100 Ω differential PWB trace Clock driver vendor dependent source termination resistor SerDes Refer. CLK Receiver Clock Driver CLK_Out CLK_Out HCSL CLK Driver Chip 33 Ω 33 Ω Total 50 Ω. Assume clock driver’s output impedance is about 16 Ω. MPC8377E CLK_Out |