| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8377EVRAGFA Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8377EVRAGFA Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 124 page ![]() MPC8377E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2 22 Freescale Semiconductor Ethernet: Enhanced Three-Speed Ethernet (eTSEC) 7.2 DUART AC Electrical Specifications Table 22 provides the AC timing parameters for the DUART interface of the device. 8 Ethernet: Enhanced Three-Speed Ethernet (eTSEC) This section provides the AC and DC electrical characteristics for the enhanced three-speed Ethernet controller. 8.1 Enhanced Three-Speed Ethernet Controller (eTSEC) (10/100/1000 Mbps)—MII/RGMII/RTBI/RMII DC Electrical Characteristics The electrical characteristics specified here apply to media independent interface (MII), reduced gigabit media independent interface (RGMII), reduced ten-bit interface (RTBI), reduced media independent interface (RMII) signals, management data input/output (MDIO) and management data clock (MDC). The MII and RMII interfaces are defined for 3.3 V, while the RGMII and RTBI interfaces can be operated at 2.5 V. The RGMII and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface (RGMII) Specification Version 1.3. The RMII interface follows the RMII Consortium RMII Specification Version 1.2. High-level output voltage, IOH = –100 μA VOH OVDD – 0.2 — V Low-level output voltage, IOL = 100 μA VOL —0.2 V Input current, (0 V ≤VIN ≤ OVDD) IIN —±30 μA Note: • The symbol VIN, in this case, represents the OVIN symbol referenced in Table 2. Table 22. DUART AC Timing Specifications Parameter Value Unit Notes Minimum baud rate 256 baud — Maximum baud rate > 1,000,000 baud 1 Oversample rate 16 — 2 Notes: 1 Actual attainable baud rate will be limited by the latency of interrupt processing. 2 The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are sampled each 16th sample. Table 21. DUART DC Electrical Characteristics (continued) |