Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZXMP6A17KTC Datasheet(PDF) 7 Page - Diodes Incorporated

No. de pieza ZXMP6A17KTC
Descripción Electrónicos  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17KTC Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXMP6A17KTC Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXMP6A17K
Document Revision: 2
7 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A17K
Package Outline Dimensions
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
0.086
0.094
2.18
2.39
e
0.090 BSC
2.29 BSC
A1
-
0.005
-
0.127
H
0.370
0.410
9.40
10.41
b
0.020
0.035
0.508
0.89
L
0.055
0.070
1.40
1.78
b2
0.030
0.045
0.762
1.14
L1
0.108 REF
2.74 REF
b3
0.205
0.215
5.21
5.46
L2
0.020 BSC
0.508 BSC
c
0.018
0.024
0.457
0.61
L3
0.035
0.065
0.89
1.65
c2
0.018
0.023
0.457
0.584
L4
0.025
0.040
0.635
1.016
D
0.213
0.245
5.41
6.22
L5
0.045
0.060
1.14
1.52
D1
0.205
-
5.21
-
θ1°
0°
10°
0°
10°
E
0.250
0.265
6.35
6.73
θ°
0°
15°
0°
15°
E1
0.170
-
4.32
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8