| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5378 Datasheet(PDF) 86 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5378 Datasheet(HTML) 86 Page - Cirrus Logic |
|
86 / 88 page ![]() CS5378 DS639F2 86 23.ORDERING INFORMATION 24.ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION * MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020. Model Temperature Package CS5378-IS -40 to +85 °C 28-pin SSOP CS5378-ISZ Lead Free Model Number Peak Reflow Temp MSL Rating* Max Floor Life CS5378-IS 240 °C 2365 Days CS5378-ISZ Lead Free 260 °C 3 7 Days |