| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8/300H Datasheet(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Datasheet(HTML) 80 Page - Renesas Technology Corp |
|
80 / 552 page ![]() Section 3 Exception Handling Rev. 3.00 May 15, 2007 Page 48 of 516 REJ09B0152-0300 3.4.2 Interrupt Enable Register 1 (IENR1) IENR1 enables the RTC, IRQAEC, IRQ1, and IRQ0 interrupts. Bit Bit Name Initial Value R/W Description 7 IENRTC 0 R/W RTC Interrupt Request Enable The RTC interrupt request is enabled when this bit is set to 1. 6 to 3 All 0 Reserved The write value should always be 0. 2 IENEC2 0 R/W IRQAEC Interrupt Request Enable The IRQAEC interrupt request is enabled when this bit is set to 1. 1 IEN1 0 R/W IRQ1 Interrupt Request Enable The IRQ1 interrupt request is enabled when this bit is set to 1. 0 IEN0 0 R/W IRQ0 Interrupt Request Enable The IRQ0 interrupt request is enabled when this bit is set to 1. |