| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8/300H Datasheet(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Datasheet(HTML) 40 Page - Renesas Technology Corp |
|
40 / 552 page ![]() Section 2 CPU Rev. 3.00 May 15, 2007 Page 8 of 516 REJ09B0152-0300 • Power-down state Transition to power-down state by SLEEP instruction 2.1 Address Space and Memory Map The address space of this LSI is 64 Kbytes, which includes the program area and the data area. Figure 2.1 shows the memory map. H'0000 H'3FFF H'F020 H'F100 H'FB80 H'FF80 H'FFFF H'0050 HD64F38602R (Flash memory version) Interrupt vector Not used On-chip ROM (16 Kbytes) Not used Internal I/O registers Internal I/O registers On-chip RAM (1 Kbyte) H'0000 H'3FFF H'F020 H'F100 H'FB80 H'FF80 H'FFFF H'0050 HD64338602R (Masked ROM version) Interrupt vector Not used On-chip ROM (16 Kbytes) Not used Internal I/O registers Internal I/O registers On-chip RAM (1 Kbyte) H'0000 H'1FFF H'F020 H'F100 H'FD80 H'FF80 H'FFFF H'0050 HD64338600R (Masked ROM version) Interrupt vector Not used On-chip ROM (8 Kbytes) Not used Internal I/O registers Internal I/O registers On-chip RAM (512 bytes) Figure 2.1 Memory Map |