| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8/300H Datasheet(PDF) 79 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/300H Datasheet(HTML) 79 Page - Renesas Technology Corp |
|
79 / 552 page ![]() Section 3 Exception Handling Rev. 3.00 May 15, 2007 Page 47 of 516 REJ09B0152-0300 3.4.1 Interrupt Edge Select Register (IEGR) IEGR selects whether interrupt requests of the NMI, ADTRG, IRQ1, and IRQ0 pins are generated at the rising edge or falling edge. Bit Bit Name Initial Value R/W Descriptions 7 NMIEG 0 R/W NMI Edge Select 0: Detects a falling edge of the NMI pin input 1: Detects a rising edge of the NMI pin input 6 0 Reserved This bit is always read as 0. 5 ADTRGNEG 0 R/W ADTRG Edge Select 0: Detects a falling edge of the ADTRG pin input 1: Detects a rising edge of the ADTRG pin input 4 to 2 All 0 Reserved The write value should always be 0. 1 IEG1 0 R/W IRQ1 Edge Select 0: Detects a falling edge of the IRQ1 pin input 1: Detects a rising edge of the IRQ1 pin input 0 IEG0 0 R/W IRQ0 Edge Select 0: Detects a falling edge of the IRQ0 pin input 1: Detects a rising edge of the IRQ0 pin input |