Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 107 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 103Page - Renesas Technology Corp M30623SC Datasheet HTML 104Page - Renesas Technology Corp M30623SC Datasheet HTML 105Page - Renesas Technology Corp M30623SC Datasheet HTML 106Page - Renesas Technology Corp M30623SC Datasheet HTML 107Page - Renesas Technology Corp M30623SC Datasheet HTML 108Page - Renesas Technology Corp M30623SC Datasheet HTML 109Page - Renesas Technology Corp M30623SC Datasheet HTML 110Page - Renesas Technology Corp M30623SC Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 231 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
106
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
Transmit register
empty flag (TXEPT)
Start
bit
Parity
bit
TxDi
CTSi
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• CTS function is selected.
• Transmit interrupt cause select bit = “1”.
“1”
“0”
“1”
“L”
“H”
“0”
“1”
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Transmit interrupt
request bit (IR)
“0”
“1”
Cleared to “0” when interrupt request is accepted, or cleared by software
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
TxDi
Transmit register
empty flag (TXEPT)
“0”
“1”
“0”
“1”
“0”
“1”
The above timing applies to the following settings :
• Parity is disabled.
• Two stop bits.
• CTS function is disabled.
• Transmit interrupt cause select bit = “0”.
Transfer clock
Tc
Tc = 16 (n + 1) / fi or 16 (n + 1) / fEXT
fi : frequency of BRGi count source (f1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Transmit interrupt
request bit (IR)
“0”
“1”
Shown in ( ) are bit symbols.
Shown in ( ) are bit symbols.
Tc
Transfer clock
D0 D1
D2 D3 D4 D5 D6 D7
ST
P
D0 D1 D2 D3
D4 D5 D6
D7
SP
ST
P
SP
D0 D1
ST
Stopped pulsing because transmit enable bit = “0”
Stop
bit
Transferred from UARTi transmit buffer register to UARTi transmit register
Start
bit
The transfer clock stops momentarily as CTS is “H” when the stop bit is checked.
The transfer clock starts as the transfer starts immediately CTS changes to “L”.
Data is set in UARTi transmit buffer register
D0 D1 D2 D3 D4 D5 D6 D7
ST
SP
D8
D0 D1 D2 D3 D4 D5 D6 D7
ST
D8
D0 D1
ST
SPSP
Transferred from UARTi transmit buffer register to UARTi transmit register
Stop
bit
Stop
bit
Data is set in UARTi transmit buffer register.
“0”
SP
Cleared to “0” when interrupt request is accepted, or cleared by software
Note: CTS2 does not have external port so that this porrt function cannot be used.
• Example of transmit timing when transfer data is 8 bits long (parity enabled, one stop bit)
• Example of transmit timing when transfer data is 9 bits long (parity disabled, two stop bits)
Figure 1.14.16. Typical transmit timings in UART mode(UART0, UART1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com