Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M30623SC Datasheet(PDF) 103 Page - Renesas Technology Corp

No. de pieza M30623SC
Descripción Electrónicos  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30623SC Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M30623SC Datasheet HTML 99Page - Renesas Technology Corp M30623SC Datasheet HTML 100Page - Renesas Technology Corp M30623SC Datasheet HTML 101Page - Renesas Technology Corp M30623SC Datasheet HTML 102Page - Renesas Technology Corp M30623SC Datasheet HTML 103Page - Renesas Technology Corp M30623SC Datasheet HTML 104Page - Renesas Technology Corp M30623SC Datasheet HTML 105Page - Renesas Technology Corp M30623SC Datasheet HTML 106Page - Renesas Technology Corp M30623SC Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 231 page
background image
Clock asynchronous serial I/O (UART) mode
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
102
Item
Specification
Transfer data format
• Character bit (transfer data): 7 bits, 8 bits, or 9 bits as selected
• Start bit: 1 bit
• Parity bit: Odd, even, or nothing as selected
• Stop bit: 1 bit or 2 bits as selected
Transfer clock
• When internal clock is selected (bit 3 at addresses 03A016, 03A816, 037816 = “0”)
: fi/16(n+1) (Note 1) fi = f1, f8, f32
• When external clock is selected (bit 3 at addresses 03A016, 03A816 =“1”)
: fEXT/16(n+1)(Note 1,2,4)
Transmission/reception control
_______
_______
_______
_______
• CTS function/RTS function/CTS, RTS function chosen to be invalid (Note 5)
Transmission start condition
• To start transmission, the following requirements must be met:
- Transmit enable bit (bit 0 at addresses 03A516, 03AD16, 037D16) = “1”
- Transmit buffer empty flag (bit 1 at addresses 03A516, 03AD16, 037D16) = “0”
_______
_______
- When CTS function selected, CTS input level = “L”
Reception start condition
• To start reception, the following requirements must be met:
- Receive enable bit (bit 2 at addresses 03A516, 03AD16, 037D16) = “1”
- Start bit detection
Interrupt request
• When transmitting
generation timing
- Transmit interrupt cause select bits (bits 0,1 at address 03B016, bit4 at
address 037D16) = “0”: Interrupts requested when data transfer from UARTi
transfer buffer register to UARTi transmit register is completed
- Transmit interrupt cause select bits (bits 0, 1 at address 03B016, bit4 at
address 037D16) = “1”: Interrupts requested when data transmission from
UARTi transfer register is completed
•
When receiving
- Interrupts requested when data transfer from UARTi receive register to
UARTi receive buffer register is completed
Error detection
• Overrun error (Note 3)
This error occurs when the next data is ready before contents of UARTi
receive buffer register are read out
• Framing error
This error occurs when the number of stop bits set is not detected
• Parity error
This error occurs when if parity is enabled, the number of 1’s in parity and
character bits does not match the number of 1’s set
• Error sum flag
This flag is set (= 1) when any of the overrun, framing, and parity errors is
encountered
(2) Clock asynchronous serial I/O (UART) mode
The UART mode allows transmitting and receiving data after setting the desired transfer rate and transfer
data format. Tables 1.14.5 and 1.14.6 list the specifications of the UART mode. Figure 1.14.15 shows
the UARTi transmit/receive mode register.
Note 1: ‘n’ denotes the value 0016 to FF16 that is set to the UARTi bit rate generator.
Note 2: fEXT is input from the CLKi pin.
Note 3: If an overrun error occurs, the UARTi receive buffer will have the next data written in. Note also that
the UARTi receive interrupt request bit is not set to “1”.
Note 4: Since CLK2 does not have external port, external clock cannot be selected as UART2 transfer clock.
_________ ________
_______ _______
Note 5: Since CTS2/RTS2 does not have external port, select CTS/RTS function inhavit (bit 4 at 037C16 = “1”).
Table 1.14.5. Specifications of UART Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com