| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCD40C4344R Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HCD40C4344R Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 102 page ![]() HD404344R Series/HD404394 Series 30 Timer B Interrupt Mask (IMTB: $002, Bit 1): IMTB is a bit which masks the interrupt request caused by the timer B interrupt request flag, as listed in table 7. Table 7 Timer B Interrupt Mask (IMTB: $002, Bit 1) IMTB Interrupt Request 0 Enabled 1 Disabled (masked) Timer C Interrupt Request Flag (IFTC: $002, Bit 2): The timer C interrupt request flag is set by the overflow output of timer C, as listed in table 8. Table 8 Timer C Interrupt Request Flag (IFTC: $002, Bit 2) IFTC Interrupt Request 0No 1 Yes Timer C Interrupt Mask (IMTC: $002, Bit 3): IMTC is a bit which masks the interrupt request caused by the timer C interrupt request flag, as listed in table 9. Table 9 Timer C Interrupt Mask (IMTC: $002, Bit 3) IMTC Interrupt Request 0 Enabled 1 Disabled (masked) Serial Interrupt Request Flag (IFS: $003, Bit 2): A serial interrupt request flag is set when the serial data transfer is completed or when the data transfer is suspended, as listed in table 10. Table 10 Serial Interrupt Request Flag (IFS: $003 Bit 2) IFS Interrupt Request 0No 1 Yes |