Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCD40C4344R Datasheet(PDF) 77 Page - Renesas Technology Corp

No. de pieza HCD40C4344R
Descripción Electrónicos  4-bit microcomputer has an A/D converter
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCD40C4344R Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HCD40C4344R Datasheet HTML 73Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 74Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 75Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 76Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 77Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 78Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 79Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 80Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
HD404344R Series/HD404394 Series
75
Bit
Initial value
Read/Write
Bit name
3
0
W
AMR13
2
0
W
AMR12
0
0
W
AMR10
1
0
W
AMR11
AMR10*
0
1
AN0
A/D mode register 1 (AMR1: $019)
AMR11
0
1
AN1
AMR12
0
1
R32/AN2 Mode Selection
R32
AN2
AMR13
0
1
R33/AN3 Mode Selection
R33
AN3
R30/AN0 Mode Selection
R30
R31/AN1 Mode Selection
R31
Note: * Available for the HD404344R series and HD4074344, but not available for the HD404394 series.
Figure 53 A/D Mode Register 1 (AMR1)
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
W
AMR20
1
—
—
Not used
AMR20
0
1
67 tcyc
A/D mode register 2 (AMR2: $01A)
Conversion Time
34 tcyc
Figure 54 A/D Mode Register 2 (AMR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com