Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCD40C4344R Datasheet(PDF) 97 Page - Renesas Technology Corp

No. de pieza HCD40C4344R
Descripción Electrónicos  4-bit microcomputer has an A/D converter
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCD40C4344R Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HCD40C4344R Datasheet HTML 93Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 94Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 95Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 96Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 97Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 98Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 99Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 100Page - Renesas Technology Corp HCD40C4344R Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 102 page
background image
HD404344R Series/HD404394 Series
95
0.7VCC
0.3VCC
t DSO
t SCKf
t SCKL
t SSI
t HSI
t Scyc
t SCKr
0.4 V
V
– 0.5 V
CC
V
– 0.5 V (0.8V
)*
CC
0.4 V (0.2V
)*
SCK
SO
SI
Note: * VCC – 0.5 V and 0.4 V are the threshold voltages for transmit clock output, and
0.8VCC and 0.2VCC are the threshold voltages for transmit clock input.
CC
CC
t SCKH
Figure 70 Serial Interface Timing
RL = 2.6 kΩ
VCC
Hitachi
1S2074 H
or equivalent
R =
12 k
Ω
Test
point
C =
30 pF
Figure 71 Timing Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com