| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST62T01C Datasheet(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T01C Datasheet(HTML) 58 Page - STMicroelectronics |
|
58 / 70 page ![]() 58/70 ST62T00C/T01C ST62T03C/E01C 7 GENERAL INFORMATION 7.1 PACKAGE MECHANICAL DATA Figure 42. 16-Pin Plastic Dual In Line Package (B), 300-mil Width Figure 43. 16-Pin Ceramic Side-Brazed Dual In-Line Package Dim. mm inches Min Typ Max Min Typ Max A 5.33 0.210 A1 0.38 0.015 A2 2.92 3.30 4.95 0.115 0.130 0.195 b 0.36 0.56 0.014 0.022 b2 1.52 1.78 0.060 0.070 c 0.20 0.25 0.36 0.008 0.010 0.014 D 18.67 19.18 19.69 0.735 0.755 0.775 e 2.54 0.100 E1 6.10 6.35 7.11 0.240 0.250 0.280 L 2.92 3.30 3.81 0.115 0.130 0.150 Number of Pins N 16 PDIP16 Dim. mm inches Min Typ Max Min Typ Max A 3.78 0.149 A1 0.38 0.015 B 0.36 0.46 0.56 0.014 0.018 0.022 B1 1.14 1.37 1.78 0.045 0.054 0.070 C 0.20 0.25 0.36 0.008 0.010 0.014 D 19.86 20.32 20.78 0.782 0.800 0.818 D1 17.78 0.700 E1 7.04 7.49 7.95 0.277 0.295 0.313 e 2.54 0.100 G 6.35 6.60 6.86 0.250 0.260 0.270 G1 9.47 9.73 9.98 0.373 0.383 0.393 G2 1.02 0.040 L 2.92 3.30 3.81 0.115 0.130 0.150 S 1.27 0.050 Ø 4.22 0.166 Number of Pins N16 CDIP16W 58 |