| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST62T01C Datasheet(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST62T01C Datasheet(HTML) 62 Page - STMicroelectronics |
|
62 / 70 page ![]() 62/70 ST62P00C/P01C/P03C 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The ST62P00C/P01C & P03C are the Factory Ad- vanced Service Technique ROM (FASTROM) ver- sions of ST62T00C,T01C and T03C OTP devices. They offer the same functionality as OTP devices, selecting as FASTROM options the options de- fined in the programmable option byte of the OTP version. 1.2 ORDERING INFORMATION The following section deals with the procedure for transfer of customer codes to STMicroelectronics. 1.2.1 Transfer of Customer Code Customer code is made up of the ROM contents and the list of the selected FASTROM options. The ROM contents are to be sent on diskette, or by electronic means, with the hexadecimal file generated by the development tool. All unused bytes must be set to FFh. The selected options are communicated to STMi- croelectronics using the correctly filled OPTION LIST appended. 1.2.2 Listing Generation and Verification When STMicroelectronics receives the user’s ROM contents, a computer listing is generated from it. This listing refers exactly to the ROM con- tents and options which will be used to produce the specified MCU. The listing is then returned to the customer who must thoroughly check, com- plete, sign and return it to STMicroelectronics. The signed listing forms a part of the contractual agree- ment for the production of the specific customer MCU. The STMicroelectronics Sales Organization will be pleased to provide detailed information on con- tractual points. Table 1. ROM Memory Map for ST62P00C,P03C Table 2. ROM Memory Map for ST62P01C Table 3. FASTROM version Ordering Information (*) Advanced information Device Address Descriptio n 0000h-0B9Fh 0BA0h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Device Address Descriptio n 0000h-087Fh 0880h-0F9Fh 0FA0h-0FEFh 0FF0h-0FF7h 0FF8h-0FFBh 0FFCh-0FFDh 0FFEh-0FFFh Reserved User ROM Reserved Interrupt Vectors Reserved NMI Interrupt Vector Reset Vector Sales Type ROM Analog inpu ts Temperature Range Package ST62P00CB1/XXX ST62P00CB6/XXX ST62P00CB3/XXX (*) 1036 Bytes 4 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP16 ST62P00CM1/XXX ST62P00CM6/XXX ST62P00CM3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO16 ST62P01CB1/XXX ST62P01CB6/XXX ST62P01CB3/XXX (*) 1836 Bytes 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP16 ST62P01CM1/XXX ST62P01CM6/XXX ST62P01CM3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO16 ST62P01CN1/XXX ST62P01CN6/XXX ST62P01CN3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C SSOP16 ST62P03CB1/XXX ST62P03CB6/XXX ST62P03CB3/XXX (*) 1036 Bytes None 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PDIP16 ST62P03CM1/XXX ST62P03CM6/XXX ST62P03CM3/XXX (*) 0 to +70 °C -40 to + 85 °C -40 to + 125 °C PSO16 62 |