Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST62T01C Datasheet(PDF) 36 Page - STMicroelectronics

No. de pieza ST62T01C
Descripción Electrónicos  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T01C Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST62T01C Datasheet HTML 32Page - STMicroelectronics ST62T01C Datasheet HTML 33Page - STMicroelectronics ST62T01C Datasheet HTML 34Page - STMicroelectronics ST62T01C Datasheet HTML 35Page - STMicroelectronics ST62T01C Datasheet HTML 36Page - STMicroelectronics ST62T01C Datasheet HTML 37Page - STMicroelectronics ST62T01C Datasheet HTML 38Page - STMicroelectronics ST62T01C Datasheet HTML 39Page - STMicroelectronics ST62T01C Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36/70
ST62T00C/T01C ST62T03C/E01C
I/O PORTS (Cont’d)
Table 10. I/O Port Option Selections
Note 1. Provided the correct configuration has been selected.
MODE
AVAILABLE ON(1)
SCHEMATIC
Input
PA1-PA3
PB0,PB1,PB3,PB5-PB7
Input
with pull up
PA1-PA3
PB0,PB1,PB3,PB5-PB7
Input
with pull up
with interrupt
PA1-PA3
PB0,PB1,PB3,PB5-PB7
Analog Input
PB3,PB5-PB7
(Except ST62T03C)
Open drain output
5mA
Open drain output
20mA
PB0,PB1,PB3,PB5-PB7
PA1-PA3
Push-pull output
5mA
Push-pull output
20mA
PB0,PB1,PB3,PB5-PB7
PA1-PA3
Data in
Interrupt
Data in
Interrupt
Data in
Interrupt
Data out
ADC
Data out
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70