| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1130-BSST Datasheet(PDF) 20 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 20 Page - ams-OSRAM AG |
|
20 / 67 page ![]() ams Datasheet Page 19 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Detailed Description Command Byte The AS1130 operation (see Figure 38) is determined by a command byte (see Figure 25). Figure 25: Command Byte Figure 26: Command and Single Data Byte Received by AS1130 Figure 27: Setting the Pointer to a Address Register to Select a Data Register for a Read Operation A7 A6 A5 A4 A3 A2 A1 A0 MSB 654 321 LSB From Master to Slave From Slave to Master AA P A S Command Byte Data Byte Slave Address A6 A5 A4 A3 A2 A1 A0 A7 D6 D5 D4 D3 D2 D1 D0 D7 Acknowledge from AS1130 0 0 0 Acknowledge from AS1130 Acknowledge from AS1130 R/W 0 AS1130 Registers Autoincrement Memory Word Address 1 Byte From Master to Slave From Slave to Master AP A S Command Byte Slave Address A6 A5 A4 A3 A2 A1 A0 A7 0 0 Acknowledge from AS1130 Acknowledge from AS1130 R/W 0 AS1130 Registers |