| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1130-BSST Datasheet(PDF) 34 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1130-BSST Datasheet(HTML) 34 Page - ams-OSRAM AG |
|
34 / 67 page ![]() ams Datasheet Page 33 [v2-01] 2016-Oct-12 Document Feedback AS1130 − Register Description 4 LED40 0x44 01000100 255 steps for intensity each single LED LED41 0x45 01000101 LED42 0x46 01000110 LED43 0x47 01000111 LED44 0x48 01001000 LED45 0x49 01001001 LED46 0x4A 01001010 LED47 0x4B 01001011 LED480x4C 01001100 LED49 0x4D 01001101 LED4A 0x4E 01001110 5 LED50 0x4F 0 1 0 0 1 1 1 1 255 steps for intensity each single LED LED51 0x50 0 1 0 1 0 0 0 0 LED52 0x51 0 1 0 1 0 0 0 1 LED53 0x52 0 1 0 1 0 0 1 0 LED54 0x53 0 1 0 1 0 0 1 1 LED55 0x54 0 1 0 1 0 1 0 0 LED56 0x55 0 1 0 1 0 1 0 1 LED57 0x56 0 1 0 1 0 1 1 0 LED58 0x57 0 1 0 1 0 1 1 1 LED59 0x58 0 1 0 1 1 0 0 0 LED5A 0x59 0 1 0 1 1 0 0 1 ................ Segment Address Data HE X A 7 A 6 A 5 A 4 A 3 A 2 A 1 A 0 D 7 D 6 D 5 D 4 D 3 D 2 D 1 D 0 |