| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F103X6 Datasheet(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103X6 Datasheet(HTML) 37 Page - STMicroelectronics |
|
37 / 84 page ![]() STM32F103xx Electrical characteristics 37/84 Figure 15. Current consumption in Stop mode with regulator in Run mode versus temperature at VDD = 3.3 V and 3.6 V Figure 16. Current consumption in Stop mode with regulator in Low-power mode versus temperature at VDD = 3.3 V and 3.6 V Stop regulator ON 0 50 100 150 200 250 300 -45 25 70 90 110 Temperature (°C) 3.3 V 3.6 V 0 50 100 150 200 250 300 -40 0 25 70 85 105 Temperature (°C) 3.3 V 3.6 V |