Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F103X6 Datasheet(PDF) 53 Page - STMicroelectronics

No. de pieza STM32F103X6
Descripción Electrónicos  Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103X6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STM32F103X6_08 Datasheet HTML 49Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 50Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 51Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 52Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 53Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 54Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 55Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 56Page - STMicroelectronics STM32F103X6_08 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
STM32F103xx
Electrical characteristics
53/84
5.3.12
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 33 are derived from tests
performed under the conditions summarized in Table 7. All I/Os are CMOS and TTL
compliant.
Table 33.
I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage(1)
1.
Values based on characterization results, and not tested in production.
TTL ports
–0.5
0.8
V
VIH
Standard IO input high level
voltage(1)
2VDD+0.5
IO FT(2) input high level
voltage(1)
2.
FT = Five-volt tolerant.
25.5V
VIL
Input low level voltage(1)
CMOS ports
–0.5
0.35 VDD
V
VIH
Input high level voltage(1)
0.65 VDD
VDD+0.5
Vhys
Standard IO Schmitt trigger
voltage hysteresis(3)
3.
Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
200
mV
IO FT Schmitt trigger voltage
hysteresis(3)
5% VDD
(4)
4.
With a minimum of 100 mV.
mV
Ilkg
Input leakage current (5)
5.
Leakage could be higher than max. if negative current is injected on adjacent pins.
VSS VIN VDD
Standard I/Os
±1
µA
VIN= 5 V
I/O FT
3
RPU
Weak pull-up equivalent
resistor(6)
6.
Pull-up and pull-down resistors are designed with a true resistance in series with a switchable
PMOS/NMOS. This MOS/NMOS contribution to the series resistance is minimum (~10% order)
.
VIN = VSS
30
40
50
k
RPD
Weak pull-down equivalent
resistor(6)
VIN = VDD
30
40
50
k
CIO
I/O pin capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com