Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC6220D301PR Datasheet(PDF) 19 Page - Torex Semiconductor

No. de pieza XC6220D301PR
Descripción Electrónicos  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 15Page - Torex Semiconductor XC6220D301PR Datasheet HTML 16Page - Torex Semiconductor XC6220D301PR Datasheet HTML 17Page - Torex Semiconductor XC6220D301PR Datasheet HTML 18Page - Torex Semiconductor XC6220D301PR Datasheet HTML 19Page - Torex Semiconductor XC6220D301PR Datasheet HTML 20Page - Torex Semiconductor XC6220D301PR Datasheet HTML 21Page - Torex Semiconductor XC6220D301PR Datasheet HTML 22Page - Torex Semiconductor XC6220D301PR Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
XC6220
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Line Transient Response
CE=VIN, Tr=Tf=5μs, IOUT=100mA
Topr=25℃, CIN=CL=22μF (ceramic)
XC6220x 121
100μs/div
CH1:1V/div CH2:20mV/div
Input Voltage
Output Voltage
2.2V
3.2V
CH1
CH2
CE=VIN, Tr=Tf=5μs, IOUT=100mA
Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)
XC6220x 301
100μs/div
CH1:1V/div CH2:20mV/div
4.0V
5.0V
Input Voltage
Output Voltage
CH1
CH2
CE=VIN, Tr=Tf=5μs, IOUT=100mA
Topr=25℃, CIN=CL=22μF (ceramic)
XC6220x 501
100μs/div
CH1:500mV/div CH2:20mV/div
5.5V
6.0V
Input Voltage
Output Voltage
CH1
CH2
(11) Input Rise Characteristics
CE=VIN, Tr=5μs, IOUT=0.1mA
Topr=25℃, CL=22μF (ceramic)
XC6220x 121
0V
2.2V
200μs/div
CH1:1V/div CH2:500mV/div
Input Voltage
Output Voltage
CH1
CH2
CE=VIN, Tr=5μs, IOUT=300mA
Topr=25℃, CL=22μF (ceramic)
XC6220x 121
0V
2.2V
200μs/div
CH1:1V/div CH2:500mV/div
Input Voltage
Output Voltage
CH1
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com