Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC6220D301PR Datasheet(PDF) 14 Page - Torex Semiconductor

No. de pieza XC6220D301PR
Descripción Electrónicos  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 10Page - Torex Semiconductor XC6220D301PR Datasheet HTML 11Page - Torex Semiconductor XC6220D301PR Datasheet HTML 12Page - Torex Semiconductor XC6220D301PR Datasheet HTML 13Page - Torex Semiconductor XC6220D301PR Datasheet HTML 14Page - Torex Semiconductor XC6220D301PR Datasheet HTML 15Page - Torex Semiconductor XC6220D301PR Datasheet HTML 16Page - Torex Semiconductor XC6220D301PR Datasheet HTML 17Page - Torex Semiconductor XC6220D301PR Datasheet HTML 18Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14/26
XC6220 Series
(2) Output Voltage vs. Input Voltage
(3) Dropout Voltage vs. Output Current
XC6220x 121
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
1
2
3
4
5
6
Input Voltage: VIN (V)
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
CE=VIN, Topr=25℃, CIN=CL=22μF (ceramic)
XC6220x 301
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
Input Voltage: VIN (V)
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
CE=VIN, Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)
XC6220x 501
0
1
2
3
4
5
6
0
1
2
3
4
5
6
Input Voltage: VIN (V)
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
CE=VIN, Topr=25℃, CIN=CL=10μF (ceramic)
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC6220x 121
0
100
200
300
400
500
600
0
200
400
600
800
1000
Output Current: IOUT (mA)
Topr=25℃
Topr=-40℃
Topr=85℃
CE=VIN, Topr=25℃, CIN=CL=22μF (ceramic)
XC6220x 301
0
100
200
300
400
500
600
0
200
400
600
800
1000
Output Current: IOUT (mA)
Topr=25℃
Topr=-40℃
Topr=85℃
CE=VIN, Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com