Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z9952 Datasheet(PDF) 6 Page - Cypress Semiconductor

No. de pieza Z9952
Descripción Electrónicos  3.3V, 180MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Z9952 Datasheet(HTML) 6 Page - Cypress Semiconductor

  Z9952 Datasheet HTML 1Page - Cypress Semiconductor Z9952 Datasheet HTML 2Page - Cypress Semiconductor Z9952 Datasheet HTML 3Page - Cypress Semiconductor Z9952 Datasheet HTML 4Page - Cypress Semiconductor Z9952 Datasheet HTML 5Page - Cypress Semiconductor Z9952 Datasheet HTML 6Page - Cypress Semiconductor Z9952 Datasheet HTML 7Page - Cypress Semiconductor Z9952 Datasheet HTML 8Page - Cypress Semiconductor Z9952 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07085 Rev. *B
12/22/2002
Page 6 of 9
Z9952
Package Drawing and Dimensions
32 Pin TQFP Outline Dimensions
INCHES
MILLIMETERS
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
0.047
-
-
1.20
A1
0.002
-
0.006
0.05
-
0.15
A2
0.037
-
0.041
0.95
-
1.05
D
-
0.354
-
-
9.00
-
D1
-
0.276
-
-
7.00
-
b
0.012
-
0.018
0.30
-
0.45
e
0.031 BSC
0.80 BSC
L
0.018
-
0.030
0.45
-
0.75
D
D1
A1
b
e
12°
A
L



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com