Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Z9952 Datasheet(PDF) 5 Page - Cypress Semiconductor

No. de pieza Z9952
Descripción Electrónicos  3.3V, 180MHz, Multi-Output Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

Z9952 Datasheet(HTML) 5 Page - Cypress Semiconductor

  Z9952 Datasheet HTML 1Page - Cypress Semiconductor Z9952 Datasheet HTML 2Page - Cypress Semiconductor Z9952 Datasheet HTML 3Page - Cypress Semiconductor Z9952 Datasheet HTML 4Page - Cypress Semiconductor Z9952 Datasheet HTML 5Page - Cypress Semiconductor Z9952 Datasheet HTML 6Page - Cypress Semiconductor Z9952 Datasheet HTML 7Page - Cypress Semiconductor Z9952 Datasheet HTML 8Page - Cypress Semiconductor Z9952 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3.3V, 180MHz, Multi-Output Zero Delay Buffer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07085 Rev. *B
12/22/2002
Page 5 of 9
Z9952
Description
The Z9952 has an integrated PLL that provides low skew and low jitter clock outputs for high performance
microprocessors. The PLL is ensured stable operation given that the VCO is configured to run between 200 MHz to 480
MHz. This allows a wide range of output frequencies up to 180MHz. The Z9952 features three banks of individually
configurable outputs: Bank A five outputs, Bank B four outputs, and Bank C two outputs. When MR/OE# input is set
high, all the outputs are tri-stated. The Z9952 outputs are LVCMOS compatible and can drive two series terminated 50
transmission lines. With this capability the Z9952 has an effective fanout of 1:22. Low output-to-output skews make the
Z9952 ideal for clock distribution in nested clock trees in the most demanding of synchronous systems.
The phase detector compares the input reference clock to the external feedback input. For normal operation, the
external feedback input, FB_IN, is connected to one of the outputs. The internal VCO is running at multiples of the input
reference clock set by SEL(A:C) select inputs, see Table 2. The VCO_SEL input allows for the choice of two VCO
ranges to optimize PLL stability and jitter performance, see Table 1. The VCO frequency is then divided down to provide
the required output frequencies. The use of even dividers ensures that the output duty cycle remains at 50%.
SELA
QA
SELB
QB
SELC
QC
0
÷4
0
÷4
0
÷2
1
÷6
1
÷2
1
÷4
Table 2
Zero Delay Buffer
When used as a zero delay buffer the Z9952 will likely be in a nested clock tree application. Any of the eleven outputs
can be used as the feedback to the PLL. By using one of the outputs as a feedback to the PLL the propagation delay
through the device is eliminated. The PLL works to align the output edge with the input reference edge thus producing a
near zero delay. The reference frequency affects the static phase offset of the PLL and thus the relative delay between
the inputs and outputs. Because the static phase offset is a function of the reference clock the Tpd of the Z9952 is a
function of the configuration used.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com