Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6 Datasheet(PDF) 180 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button STM32L4P5CEU6 Datasheet HTML 176Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 177Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 178Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 179Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 180Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 181Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 182Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 183Page - STMicroelectronics STM32L4P5CEU6 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 311 page
background image
Electrical characteristics
STM32L4P5xx
180/311
DS12903 Rev 2
APB2
AHB to APB2 bridge
0.136
0.157
0.143
0.565
µA/MHz
DFSDM
5.432
5.045
4.229
5.355
FW
0.388
0.352
0.296
0.286
LTDC independent clock domain
39.542
38.367
42.248
NA
LTDC APB clock domain
10.490
9.803
8.138
NA
SAI1 independent clock domain
3.236
3.022
2.487
2.310
SAI1 APB clock domain
2.543
2.376
1.991
2.218
SAI2 independent clock domain
3.314
3.080
2.529
2.312
SAI2 APB clock domain
2.504
2.338
1.942
2.193
SPI1
2.159
2.025
1.677
1.879
SYSCFG/VREFBUF/COMP
0.698
0.662
0.546
0.370
TIM1
8.846
8.259
6.781
7.915
TIM8
9.126
8.479
6.980
7.966
TIM15
4.544
4.226
3.510
3.928
TIM16
3.158
2.935
2.448
2.825
TIM17
3.180
2.950
2.452
2.959
USART1 independent clock
domain
6.500
6.150
5.250
6.000
USART1 APB clock domain
2.900
2.750
2.250
2.000
All APB2 on
62.690
58.533
48.424
54.434
ALL
281.81
262.45
216.946
245.38
Table 51. STM32L4P5xx peripheral current consumption (continued)
Peripheral
Range 1
Boost
Mode
Range 1
Normal
Mode
Range 2
Low-
power run
and sleep
Unit