Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 272 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 272 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 268Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 269Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 270Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 271Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 272Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 273Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 274Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 275Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 311 page
background image
Electrical characteristics
STM32L4P5xx
272/311
DS12903 Rev 2
Table 120. PSSI transmit characteristics(1)
1. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Max
Unit
-
Frequency ratio PSSI_PDCK/fHCLK
--
0.4
-
PSSI_PDCK
PSSI Clock input
1.71<VDD<3.6
Voltage Range V1
-25
MHz
2.7<VDD<3.6
Voltage Range V1
-37
1.71<VDD<3.6
Voltage Range V2
-10
Dpixel
PSSI Clock input duty cycle
-
30
70
%
tov(DATA)
Data output valid time
1.71<VDD<3.6
Voltage Range V1
-18
ns
2.7<VDD<3.6
Voltage Range V1
-13.5
1.71<VDD<3.6
Voltage Range V2
-20
toh(DATA)
Data output hold time
1.71<VDD<3.6
Voltage Range V1
4.5
-
1.71<VDD<3.6
Voltage Range V2
6-
tov((DE)
DE output valid time
1.71<VDD<3.6
Voltage Range V1
-16.5
2.7<VDD<3.6
Voltage Range V1
-12.5
1.71<VDD<3.6
Voltage Range V2
-19.5
toh(DE)
DE output hold time
1.71<VDD<3.6
Voltage Range V1
6-
1.71<VDD<3.6
Voltage Range V2
9-
tsu(RDY)
RDY input setup time
-
0
-
th(RDY)
RDY input hold time
-
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com