Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 174 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 170Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 171Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 172Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 173Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 174Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 175Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 176Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 177Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 311 page
background image
3. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 52: Low-power mode wakeup timings.
Table 50. Current consumption in VBAT mode
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
VBAT 25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD(VBAT)
Backup domain
supply current
RTC disabled
1.8 V
3
24
155
475
1350
-
----
nA
2.4 V
3
28
180
540
1500
-
----
3 V
4
36
220
665
1850
-
----
3.6 V
12
78
465
1450
4050
-
----
RTC enabled and
clocked by LSE
bypassed at
32768 Hz
1.8 V
345
375
525
865
-
-
----
2.4 V
540
585
760
1150
--
----
3 V
780
835
1050
1550
-
-
----
3.6 V
1050
1100
1450
2400
-
-
----
RTC enabled and
clocked by LSE
quartz(1)
1.8 V
450
-
----
----
2.4 V
635
-
----
----
3 V
865
-
----
----
3.6 V
1150
-
----
----
RTC enabled and
clocked by LSE
quartz(1)
LPCAL = 1
LSESYSDIS =1
1.8 V
150
-
----
----
2.4 V
165
-
----
----
3 V
195
-
----
----
3.6 V
240
-
----
----
1. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com