Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 171 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 171 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 167Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 168Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 169Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 170Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 171Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 172Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 173Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 174Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 311 page
background image
IDD
(Standby with
RTC)
Supply current in Standby
mode (backup registers
retained),
RTC enabled
RTC clocked by LSI,
no independent
watchdog
1.8 V
500
715
2000
4900 13000 579.5 1400 3744 9000 22911
nA
2.4 V
635
890
2350
5750 15000 764.9 1700 4430 10264 25849
3 V
790
1100
2850
6850 17500 942.5 1900 5145 11649 28975
3.6 V
980
1350
3550
8400 21500 1173 2400 6040 13305 32681
RTC clocked by LSI,
with independent
watchdog
1.8 V
550
-
-
-
-
-
-
-
-
-
2.4 V
705
-
-
-
-
-
-
-
-
-
3 V
885
-
-
-
-
-
-
-
-
-
3.6 V 1100
-
-
-
-
-
-
-
-
-
RTC clocked by LSI,
with independent
watchdog
ENULP = 1
LPCAL = 1
LSIPREDIV =1
1.8 V
125
-
-
-
-
-
-
-
-
-
2.4 V
165
-
-
-
-
-
-
-
-
-
3 V
205
-
-
-
-
-
-
-
-
-
3.6 V
265
-
-
-
-
-
-
-
-
-
Table 48. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C 55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com