Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 173 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 173 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 169Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 170Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 171Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 172Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 173Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 174Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 175Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 176Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 311 page
background image
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
3. The supply current in Standby with SRAM2 mode is:
IDD_ALL(Standby) + IDD_ALL(SRAM2). The supply current in Standby with RTC with SRAM2 mode is:
I
IDD_ALL(Standby + RTC) + IDD_ALL(SRAM2).
4. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 52: Low-power mode wakeup timings.
Table 49. Current consumption in Shutdown mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD 25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C 105°C 125°C
IDD
(Shutdown)
Supply current in
Shutdown mode
(backup registers
retained) RTC
disabled
-
1.8 V
22
155
985
3100
9400
80
358.3
2190
6643 18540
nA
2.4 V
31
190
1150
3600
11000
126
445.2
2533
7530 20760
3 V
44
240
1450
4400
13000
152
527.2
2900
8517 23240
3.6 V
74
340
1900
5650
16500
199
653.7
3410
9798 26260
IDD
(Shutdown with
RTC)
Supply current in
Shutdown mode
(backup registers
retained) RTC
enabled
RTC clocked by
LSE bypassed at
32768 Hz
1.8 V
365
505
1350
3450
9800
-----
2.4 V
565
745
1750
4200
11500
-----
3 V
815
1050
2250
5250
14000
-----
3.6 V
1100
1400
2950
6700
17500
-----
RTC clocked by
LSE quartz(2) in
Low-drive mode
1.8 V
475
640
1550
3800
10000
-----
2.4 V
665
860
1900
4550
11500
-----
3 V
905
1150
2450
5650
14000
-----
3.6 V
1200
1500
3200
7200
17500
-----
RTC clocked by
LSE quartz(2) in
Low-drive mode
LPCAL = 1
LSESYSDIS =1
1.8 V
180
-
-
-
-
-----
2.4 V
190
-
-
-
-
-----
3 V
229
-
-
-
-
-----
3.6 V
293
-
-
-
-
-----
IDD (wakeup
from Shutdown)
Supply current during
wakeup from
Shutdown mode
Wakeup clock is
MSI = 4 MHz(3)
3 V
0.538
-
-
-
-
-----
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com