Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32L4P5CEU6P Datasheet(PDF) 138 Page - STMicroelectronics

No. de pieza STM32L4P5CEU6P
Descripción Electrónicos  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6P Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32L4P5CEU6P Datasheet HTML 134Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 135Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 136Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 137Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 138Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 139Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 140Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 141Page - STMicroelectronics STM32L4P5CEU6P Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 311 page
background image
Electrical characteristics
STM32L4P5xx
138/311
DS12903 Rev 2
6.3
Operating conditions
6.3.1
General operating conditions
Table 20. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 21. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
120
MHz
fPCLK1
Internal APB1 clock frequency
-
0
120
fPCLK2
Internal APB2 clock frequency
-
0
120
VDD
Standard operating voltage
-
1.71(1)
3.6
V
VDD12
Standard operating voltage
Up to 120 MHz
1.14
1.32
V
Up to 80 MHz
1.08
Up to 26 MHz
1.00(2)
VDDIO2 PG[15:2] I/Os supply voltage
At least one I/O in PG[15:2] used
1.08
3.6
V
PG[15:2] not used
0
3.6
VDDA
Analog supply voltage
ADC or COMP used
1.62
3.6
DAC or OPAMP used
1.8
VREFBUF used
2.4
ADC, DAC, OPAMP, COMP,
VREFBUF not used
0
VBAT
Backup operating voltage
-
1.55
3.6
VDDUSB USB supply voltage
USB used
3.0
3.6
V
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
-0.3
VDDIOx+0.3
V
All I/O except TT_xx
-0.3
MIN(MIN(VDD, VDDA,
VDDIO2,
VDDUSB)+3.6 V,
5.5 V)(3)(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com